전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL783CKC 데이터시트(PDF) 13 Page - Texas Instruments

부품명 TL783CKC
상세설명  HIGH-VOLTAGE ADJUSTABLE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL783CKC 데이터시트(HTML) 13 Page - Texas Instruments

Back Button TL783CKC Datasheet HTML 7Page - Texas Instruments TL783CKC Datasheet HTML 8Page - Texas Instruments TL783CKC Datasheet HTML 9Page - Texas Instruments TL783CKC Datasheet HTML 10Page - Texas Instruments TL783CKC Datasheet HTML 11Page - Texas Instruments TL783CKC Datasheet HTML 12Page - Texas Instruments TL783CKC Datasheet HTML 13Page - Texas Instruments TL783CKC Datasheet HTML 14Page - Texas Instruments TL783CKC Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TL783C, TL783Y
HIGH-VOLTAGE ADJUSTABLE REGULATOR
SLVS036C – SEPTEMBER 1981 – REVISED APRIL 1997
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Figure 23. Current-Sinking Regulator
VI
Load
R
I
+
V
ref
R
IN
OUT
ADJ
TL783C
Figure 24. Current-Sourcing Regulator
VI
1
µF
R
I
+
V
ref
R
TL783C
Load
IN
OUT
ADJ
Figure 25. High-Voltage Unity-Gain Offset Amplifier
V +
INPUT
V –
TL081
R2
OUTPUT
VCC
1
µF
–
+
TL783C
82
Ω
V
OFFSET +
V
ref
I
) R2
82
IN
OUT
ADJ
Figure 26. 48-V, 200-mA Float Charger
6.25
Ω
48 V
82
Ω
3.9 k
Ω
VI = 90 V
TL783C
TL783C
IN
OUT
ADJ
IN
OUT
ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com