전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL783C 데이터시트(PDF) 2 Page - Texas Instruments

부품명 TL783C
상세설명  HIGH-VOLTAGE ADJUSTABLE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL783C 데이터시트(HTML) 2 Page - Texas Instruments

  TL783C Datasheet HTML 1Page - Texas Instruments TL783C Datasheet HTML 2Page - Texas Instruments TL783C Datasheet HTML 3Page - Texas Instruments TL783C Datasheet HTML 4Page - Texas Instruments TL783C Datasheet HTML 5Page - Texas Instruments TL783C Datasheet HTML 6Page - Texas Instruments TL783C Datasheet HTML 7Page - Texas Instruments TL783C Datasheet HTML 8Page - Texas Instruments TL783C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TL783C, TL783Y
HIGH-VOLTAGE ADJUSTABLE REGULATOR
SLVS036C – SEPTEMBER 1981 – REVISED APRIL 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TL783Y chip information
This chip, when properly assembled, displays characteristics similar to those of the TL783C. Thermal
compression or ultrasonic bonding may be used on the doped aluminum bonding pads. The chip may be
mounted with conductive epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%
ALL DIMENSIONS ARE IN MILS
OUTPUT TERMINAL MUST BE
BONDED TO BOTH 2 AND 4
102
74
(2)
(1)
(3)
ADJ
OUT
(2), (4)
(1)
(3)
TL783Y
IN
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com