전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS476 데이터시트(PDF) 1 Page - Campbell Scientific United Kingdom

부품명 CS476
상세설명  Radar Water Level Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CAMPBELL [Campbell Scientific United Kingdom]
홈페이지  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS476 데이터시트(HTML) 1 Page - Campbell Scientific United Kingdom

  CS476 Datasheet HTML 1Page - Campbell Scientific United Kingdom CS476 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COMPONENT
CS475, CS476 and CS477
Radar Water Level Sensors
Overview
The CS475, CS476, and CS477 are radar ranging sensors
typically used for water-level applications. They emit short
microwave pulses and then measure the elapsed time
between the emission and return of the pulses. The elapsed
time measurement is used to calculate the distance between
the sensor and the target (e.g., water, grain, slurry). The
distance value can then be used to determine depth.
The sensors differ in their measurement range and accuracy.
The CS475 can measure distances up to 20 metres with an
accuracy of ±5 mm; the CS476 can measure up to 30 metres
with an accuracy of ±3 mm; and the CS477 can measure up
to 70 metres with an accuracy of ±15 mm.
These radar sensors output a digital SDI-12 signal to indicate
distance and stage. This output is acceptable for recording
devices with SDI-12 capability including Campbell Scientific
dataloggers.
campbellsci.eu/cs475_476_477
More info: +44(0) 1509 828 888
Non-Contact Water
Level Monitoring
Meets EU LPR Standard
EN302729-1/2
Campbell Park, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | wwwcampbellsci.eu
UK | AUSTRALIA | BRAZIL | CANADA | COSTA RICA | ENGLAND | FRANCE | GERMANY | SOUTH AFRICA | SPAIN |
Benefits and Features
Ideal for areas where submersed sensors can be damaged
due to corrosion, contamination, flood-related debris,
lightning or vandalism
Low maintenance - no moving parts significantly reduces
maintenance cost and time
Compatible with our CR200X-series, CR510, CR10X, CR800-
series, CR1000, CR3000 and CR5000 dataloggers
Low power consumption
Rugged enough for harsh environments - NEMA rated 4X
Wide operating temperature range (-40° to +80°C)
Individual FCC licence not required
FCC compliant (FCC IC# MOIPULS 616263)
A cut away view of the optional field enclosure showing sensor placement. The horn fastens to the sensor on the outside of the enclosure
(not shown).


유사한 부품 번호 - CS476

제조업체부품명데이터시트상세설명
logo
Clarke International
CS4700 CLARKE-CS4700 Datasheet
2Mb / 8P
INDUSTRIAL SHELVING
GC0219 - rev 4
CS4700BO CLARKE-CS4700BO Datasheet
2Mb / 8P
INDUSTRIAL SHELVING
GC0219 - rev 4
logo
Cirrus Logic
CS47014-CVZR CIRRUS-CS47014-CVZR Datasheet
579Kb / 34P
High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS47024 CIRRUS-CS47024 Datasheet
1Mb / 32P
CS470xx Data Sheet
CS47024C-CQZ CIRRUS-CS47024C-CQZ Datasheet
692Kb / 40P
Audio SOC Processor Family
More results

유사한 설명 - CS476

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
AN1950 FREESCALE-AN1950 Datasheet
307Kb / 24P
Water Level Monitoring
logo
Magnetrol International...
705-5100-121 MAGNETROL-705-5100-121 Datasheet
1Mb / 56P
GuidedWave Radar Level Transmitter
logo
Fuji Electric
EDS7-65D FUJI-EDS7-65D Datasheet
167Kb / 4P
WATER LEVEL TRANSMITTER
logo
SICK AG
RAS407-2800100 SICK-RAS407-2800100 Datasheet
764Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2800101 SICK-RAS407-2800101 Datasheet
764Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2800200 SICK-RAS407-2800200 Datasheet
736Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2800201 SICK-RAS407-2800201 Datasheet
736Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2801001 SICK-RAS407-2801001 Datasheet
857Kb / 5P
RADAR SENSORS
2016-04-06
RAS407-2801100 SICK-RAS407-2801100 Datasheet
760Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2801101 SICK-RAS407-2801101 Datasheet
760Kb / 6P
RADAR SENSORS
2016-04-06
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com