전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA9633DP2 데이터시트(PDF) 30 Page - NXP Semiconductors

부품명 PCA9633DP2
상세설명  4-bit Fm I2C-bus LED driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9633DP2 데이터시트(HTML) 30 Page - NXP Semiconductors

Back Button PCA9633DP2 Datasheet HTML 26Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 27Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 28Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 29Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 30Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 31Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 32Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 33Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
PCA9633_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 20 December 2006
30 of 42
NXP Semiconductors
PCA9633
4-bit Fm+ I2C-bus LED driver
14. Test information
RL = Load resistor for LEDn. RL for SDA and SCL > 1 kΩ (3 mA or less current).
CL = Load capacitance includes jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse
generators.
Fig 25. Test circuitry for switching times
PULSE
GENERATOR
VO
CL
50 pF
RL
500
Ω
002aab284
RT
VI
VDD
DUT
VDD
open
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com