전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADPL40502AUJZ-2.5-R7 데이터시트(PDF) 14 Page - Analog Devices

부품명 ADPL40502AUJZ-2.5-R7
상세설명  Low Noise, 200mA, CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADPL40502AUJZ-2.5-R7 데이터시트(HTML) 14 Page - Analog Devices

Back Button ADPL40502AUJZ-2.5-R7 Datasheet HTML 9Page - Analog Devices ADPL40502AUJZ-2.5-R7 Datasheet HTML 10Page - Analog Devices ADPL40502AUJZ-2.5-R7 Datasheet HTML 11Page - Analog Devices ADPL40502AUJZ-2.5-R7 Datasheet HTML 12Page - Analog Devices ADPL40502AUJZ-2.5-R7 Datasheet HTML 13Page - Analog Devices ADPL40502AUJZ-2.5-R7 Datasheet HTML 14Page - Analog Devices ADPL40502AUJZ-2.5-R7 Datasheet HTML 15Page - Analog Devices ADPL40502AUJZ-2.5-R7 Datasheet HTML 16Page - Analog Devices ADPL40502AUJZ-2.5-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Data Sheet
ADPL40502
analog.com
Rev. 0
14 of 17
PRINTED CIRCUIT BOARD LAYOUT CONSIDERATIONS
Heat dissipation from the package can be improved by increasing the amount of copper attached to the pins of the
ADPL40502.
Place the input capacitor as close as possible to the VIN and the GND pins. Place the output capacitor as close as
possible to the VOUT and the GND pins. Use of 0402 or 0603 size capacitors and resistors achieves the smallest possible
footprint solution on boards where area is limited.
Figure 27. Example TSOT PCB Layout
Figure 28. Example LFCSP PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17