전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADPL40502AUJZ-3.0-R7 데이터시트(PDF) 6 Page - Analog Devices

부품명 ADPL40502AUJZ-3.0-R7
상세설명  Low Noise, 200mA, CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADPL40502AUJZ-3.0-R7 데이터시트(HTML) 6 Page - Analog Devices

Back Button ADPL40502AUJZ-3.0-R7 Datasheet HTML 2Page - Analog Devices ADPL40502AUJZ-3.0-R7 Datasheet HTML 3Page - Analog Devices ADPL40502AUJZ-3.0-R7 Datasheet HTML 4Page - Analog Devices ADPL40502AUJZ-3.0-R7 Datasheet HTML 5Page - Analog Devices ADPL40502AUJZ-3.0-R7 Datasheet HTML 6Page - Analog Devices ADPL40502AUJZ-3.0-R7 Datasheet HTML 7Page - Analog Devices ADPL40502AUJZ-3.0-R7 Datasheet HTML 8Page - Analog Devices ADPL40502AUJZ-3.0-R7 Datasheet HTML 9Page - Analog Devices ADPL40502AUJZ-3.0-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
ADPL40502
analog.com
Rev. 0
6 of 17
Therefore, ΨJB thermal paths include convection from the top of the package as well as radiation from the package,
factors that make ΨJB more useful in real-world applications. To calculate the maximum TJ from the board
temperature (TB) and PD, use the following equation:
TJ = TB + (PD × ΨJB)
See JESD51-8 and JESD51-12 for more detailed information about ΨJB.
Thermal Resistance
θJA and ΨJB are specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount
packages.
Table 4. Thermal Resistance
Package Type
θJA
ΨJB
Unit
5-Lead TSOT (UJ-5)
170
43
°C/W
6-Lead LFCSP (CP-6-3)
63.6
28.3
°C/W
ESD Caution
ESD (electrostatic discharge) sensitive device. Charged devices and circuit boards can
discharge without detection. Although this product features patented or proprietary
protection circuitry, damage may occur on devices subjected to high energy ESD. Therefore,
proper ESD precautions should be taken to avoid performance degradation or loss of
functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17