전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTM4643 데이터시트(PDF) 12 Page - Analog Devices

부품명 LTM4643
상세설명  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

LTM4643 데이터시트(HTML) 12 Page - Analog Devices

Back Button LTM4643 Datasheet HTML 8Page - Analog Devices LTM4643 Datasheet HTML 9Page - Analog Devices LTM4643 Datasheet HTML 10Page - Analog Devices LTM4643 Datasheet HTML 11Page - Analog Devices LTM4643 Datasheet HTML 12Page - Analog Devices LTM4643 Datasheet HTML 13Page - Analog Devices LTM4643 Datasheet HTML 14Page - Analog Devices LTM4643 Datasheet HTML 15Page - Analog Devices LTM4643 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
12 of 43
Table 5. LTM8060F Pinout (Sorted by Pin Number)
PIN
PIN NAME
PIN
PIN NAME
PIN
PIN NAME
PIN
PIN NAME
A1–D11
A1
VOUT3
B1
VOUT3
C1
TRSS3
D1
TRSS4
A2
VOUT3
B2
VOUT3
C2
AUX3
D2
BIAS34
A3
VOUT3
B3
VOUT3
C3
GND
D3
GND
A4
VOUT3
B4
VOUT3
C4
GND
D4
GND
A5
GND
B5
GND
C5
GND
D5
GND
A6
GND
B6
GND
C6
GND
D6
GND
A7
GND
B7
GND
C7
GND
D7
GND
A8
VOUT2
B8
VOUT2
C8
GND
D8
GND
A9
VOUT2
B9
VOUT2
C9
GND
D9
GND
A10
VOUT2
B10
VOUT2
C10
CLKOUT12
D10
PG2
A11
VOUT2
B11
VOUT2
C11
SYNC12
D11
RUN2
E1–H11
E1
RT34
F1
FB3
G1
VIN34
H1
VIN34
E2
AUX4
F2
FB4
G2
VIN34
H2
VIN34
E3
GND
F3
SHARE4
G3
GND
H3
GND
E4
GND
F4
SHARE3
G4
GND
H4
GND
E5
GND
F5
GND
G5
GND
H5
GND
E6
GND
F6
GND
G6
GND
H6
GND
E7
GND
F7
GND
G7
GND
H7
GND
E8
GND
F8
GND
G8
GND
H8
GND
E9
PG1
F9
GND
G9
GND
H9
GND
E10
DNC
F10
VIN2
G10
VIN2
H10
VIN1
E11
RUN1
F11
VIN2
G11
VIN2
H11
VIN1
J1–M11
J1
VIN34
K1
VIN34
L1
RUN3
M1
RUN4
J2
VIN34
K2
VIN34
L2
DNC
M2
PG4
J3
GND
K3
GND
L3
PG3
M3
GND
J4
GND
K4
GND
L4
GND
M4
GND
J5
GND
K5
GND
L5
GND
M5
GND
J6
GND
K6
GND
L6
GND
M6
GND
J7
GND
K7
GND
L7
GND
M7
GND
J8
GND
K8
SHARE1
L8
GND
M8
GND
J9
GND
K9
SHARE2
L9
GND
M9
GND
J10
VIN1
K10
FB2
L10
AUX2
M10
BIAS12
J11
VIN1
K11
FB1
L11
RT12
M11
TRSS2
N1–R11
N1
SYNC34
P1
VOUT4
R1
VOUT4
N2
CLKOUT34
P2
VOUT4
R2
VOUT4
N3
GND
P3
VOUT4
R3
VOUT4
N4
GND
P4
VOUT4
R4
VOUT4
N5
GND
P5
GND
R5
GND
N6
GND
P6
GND
R6
GND
N7
GND
P7
GND
R7
GND
N8
GND
P8
VOUT1
R8
VOUT1
N9
GND
P9
VOUT1
R9
VOUT1
N10
AUX1
P10
VOUT1
R10
VOUT1
N11
TRSS1
P11
VOUT1
R11
VOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43