| 전자부품 데이터시트 검색엔진 |
|
ST10F273E 데이터시트(PDF) 136 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F273E 데이터시트(HTML) 136 Page - STMicroelectronics |
|
136 / 179 page ![]() Electrical characteristics ST10F273E 136/179 combinations. The timings refer to the unit TCL, where fCPU = 1/2TCL. A complete conversion time includes the conversion itself, the sample time and the time required to transfer the digital value to the result register. Note: The total conversion time is compatible with the formula valid for ST10F269, while the meaning of the bit fields ADCTC and ADSTC is no longer compatible: the minimum conversion time is 388 TCL, which at 40 MHz CPU frequency corresponds to 4.85 µs (see ST10F269). Table 68. A/D converter programming ADCTC ADST C Sample Comparison Extra Total conversion 00 00 TCL * 120 TCL * 240 TCL * 28 TCL * 388 00 01 TCL * 140 TCL * 280 TCL * 16 TCL * 436 00 10 TCL * 200 TCL * 280 TCL * 52 TCL * 532 00 11 TCL * 400 TCL * 280 TCL * 44 TCL * 724 11 00 TCL * 240 TCL * 480 TCL * 52 TCL * 772 11 01 TCL * 280 TCL * 560 TCL * 28 TCL * 868 11 10 TCL * 400 TCL * 560 TCL * 100 TCL * 1060 11 11 TCL * 800 TCL * 560 TCL * 52 TCL * 1444 10 00 TCL * 480 TCL * 960 TCL * 100 TCL * 1540 10 01 TCL * 560 TCL * 1120 TCL * 52 TCL * 1732 10 10 TCL * 800 TCL * 1120 TCL * 196 TCL * 2116 10 11 TCL * 1600 TCL * 1120 TCL * 164 TCL * 2884 |