전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

18D330K 데이터시트(PDF) 9 Page - TYEE Products Inc

부품명 18D330K
상세설명  Varistor Specification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TYEE [TYEE Products Inc]
홈페이지  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc

18D330K 데이터시트(HTML) 9 Page - TYEE Products Inc

Back Button 18D330K Datasheet HTML 5Page - TYEE Products Inc 18D330K Datasheet HTML 6Page - TYEE Products Inc 18D330K Datasheet HTML 7Page - TYEE Products Inc 18D330K Datasheet HTML 8Page - TYEE Products Inc 18D330K Datasheet HTML 9Page - TYEE Products Inc 18D330K Datasheet HTML 10Page - TYEE Products Inc 18D330K Datasheet HTML 11Page - TYEE Products Inc 18D330K Datasheet HTML 12Page - TYEE Products Inc 18D330K Datasheet HTML 13Page - TYEE Products Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Crimped Lead Type
Unit:mm
Series
Symbol
A max. Varistor Voltage
18V to 330V
13.0
15.0
19.5
22.5
30.5
V1mA(V)
360V to 1800V
13.0
15.0
20.5
23.5
32.0
Dmax.
7.5
9.0
14.0
17.5
25.0
K
1.2±0.4
1.2±0.4
1.4±0.4
1.4±0.4
1.6±0.4
W
5.0±1.0
5.0±1.0
7.5±1.0
7.5±1.0
10.0±1.0
CL
5.0±0.5
5.0±0.5
5.0±0.5
5.0±0.5
5.0±0.5
φd
0.6
0.6
0.8
0.8
1.0
Symbol T : Product thickness please refer to dimension of standard products
Packing Quantity
Cut-off
Type I Lead
Cut-off
Type II Lead
Cut-off
Type III Lead
Min. Q'ty
(pcs)/Bags
Min. Q'ty
(pcs)/Inner Box
Min. Q'ty
(pcs)/Carton
-TTK
-TTI
-TTH
1000
15000
30000
-TTK
-TTI
-TTH
1000
15000
30000
-TTK
-TTI
-TTH
500
5000
10000
-TTK
-TTI
-TTH
500
3000
6000
N/A
N/A
N/A
250
1500
3000
N/A
N/A
N/A
250
1500
3000
Type III
Type II
Type I
05D Series
07D Series
10D Series
14D Series
20D Series
20DXXXK-TTS
10DXXXK-TTS
14DXXXK-TTS
18DXXXK-TTS
Cut-off Straight Lead
05DXXXK-TTS
07DXXXK-TTS
TYEE Products Inc.
http://www.tyeeusa.com/
Page:9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com