전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP86CS64AFG 데이터시트(PDF) 143 Page - Toshiba Semiconductor

부품명 TMP86CS64AFG
상세설명  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG 데이터시트(HTML) 143 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 139Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 140Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 141Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 142Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 143Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 144Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 145Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 146Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 147Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 202 page
background image
Page 133
TMP86CS64AFG
13.3.4 Pulse Width Modulation (PWM) Output Mode
The pulse width modulation (PWM) output mode is used to generate the PWM pulse with up to 8 bits of res-
olution by an internal clock.
When a match between the up-counter and the TC6DR value is detected, the logic level output from the
PWM
6 pin becomes low. The up-counter continues counting. When the up-counter overflow occurs, the PWM6
pin becomes high. The INTTC6 interrupt request is generated at this time.
When the timer is stopped, the PWM6 pin is high. Therefore, if the timer is stopped when the PWM6 pin is
low, one PMW cycle may be shorter than the programmed value.
TC6DR is serially connected to the shift register. If TC6DR is programmed during PWM output, the data set
to TC6DR is not shifted until one PWM cycle is completed. Therefore, a pulse can be modulated periodically.
For the first time, the data written to TC6DR is shifted when the timer is started by setting TC6CR<TC6S> to
1.
Note 1: The PWM output mode can be used only in the NORMAL1/2 and IDEL 1/2 modes.
Note 2: In the PWM output mode, program TC6DR immediately after the INTTC6 interrupt request is generated
(typically in the INTTC6 interrupt service routine.) When the programming of TC6DR and the INTTC6 inter-
rupt occur at the same time, an unstable value is shifted, that may result in generation of pulse different
from the programmed value until the next INTTC6 interrupt request is issued.
Figure 13-3 PWM output Mode Timing Chart (TC6)
Internal clock
Shift register
Counter
n
0
?
?
1
n + 1
FF
0
1
n
n + 1
FF
01
m
PWM cycle
Match detect
mp
n
n
m
Data shift
Rewrite
Data shift
Match detect
Match detect
Data shift
n
n
m
Rewrite
Rewrite
PWM6 pin
INTTC6
interrupt request
Timer F/F
TC6DR
TC6CR<TC6S>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com