| 전자부품 데이터시트 검색엔진 |
|
TMP86FS49AIUG 데이터시트(PDF) 97 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS49AIUG 데이터시트(HTML) 97 Page - Toshiba Semiconductor |
|
97 / 296 page ![]() Page 81 TMP86FS49AIUG Figure 8-2 Timer Mode Timing Chart Match detect ACAP1 TC1DRB TC1DRA INTTC1 interruput request Source clock Counter Source clock Counter ? (a) Timer mode (b) Auto-capture ? 7 6 34 5 0 Timer start 12 3 2 1 4 0 Counter clear Capture n + 1 n n n m + 2 m + 1 m m Capture m + 2 m + 1 n + 1 n m − 1 m − 1 m − 2 n − 1 n − 1 n − 1 |