전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP86FS28FG 데이터시트(PDF) 64 Page - Toshiba Semiconductor

부품명 TMP86FS28FG
상세설명  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28FG 데이터시트(HTML) 64 Page - Toshiba Semiconductor

Back Button TMP86FS28FG Datasheet HTML 60Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 61Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 62Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 63Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 64Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 65Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 66Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 67Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 68Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 272 page
background image
Page 52
5. I/O Ports
TMP86FS28FG
Each output port contains a latch for holding output data. All input ports do not have latches, making it necessary
to externally hold input data until it is read externally or to read input data multiple times before it is processed. Fig-
ure 5-1 shows input/output timings.
External data is read from an input/output port in the S1 state of the read cycle in instruction execution. Since this
timing cannot be recognized externally, transient input such as chattering must be processed by software. Data is out-
put to an input/output port in the S2 state of the write cycle in instruction execution.
Note: The positions of the read and write cycles may vary depending on the instruction.
Figure 5-1 Input/Output Timings (Example)
Instruction
execution cycle
Input strobe
Data input
Ex: LD A, (x)
Fetch cycle
Fetch cycle
Read cycle
S0 S1 S2 S3 S0 S1 S2 S3 S0 S1 S2 S3
Instruction
execution cycle
Output latch pulse
Data output
Ex: LD (x), A
Fetch cycle
Fetch cycle
Write cycle
S0 S1 S2 S3 S0 S1 S2 S3 S0 S1 S2 S3
(a) Input timing
(b) Output timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More