| 전자부품 데이터시트 검색엔진 |
|
TMP86FS28FG 데이터시트(PDF) 163 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS28FG 데이터시트(HTML) 163 Page - Toshiba Semiconductor |
|
163 / 272 page ![]() Page 151 TMP86FS28FG 11. Synchronous Serial Interface (SIO) The TMP86FS28FG has a clocked-synchronous 8-bit serial interface. Serial interface has an 8-byte transmit and receive data buffer that can automatically and continuously transfer up to 64 bits of data. Serial interface is connected to outside peripherl devices via SO, SI, SCK port. 11.1 Configuration Figure 11-1 Serial Interface SIO control / status register Serial clock Shift clock Shift register 3 2 1 0 7 6 5 4 Transmit and receive data buffer (8 bytes in DBR) Control circuit CPU Serial data output Serial data input 8-bit transfer 4-bit transfer Serial clock I/O Buffer control circuit SO SI SCK SIOCR2 SIOCR1 SIOSR INTSIO interrupt request |