| 전자부품 데이터시트 검색엔진 |
|
STRC246 데이터시트(PDF) 1 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
STRC246 데이터시트(HTML) 1 Page - Semtech Corporation |
|
1 / 5 page ![]() Dated : 23/08/2016 Rev:03 ® SEMTECH ELECTRONICS LTD. RC241S…RC246S NPN Silicon Epitaxial Planar Transistor for high current switching, interface circuit and driver circuit application. • With built-in bias resistor • Simplify circuit design • Reduce a quantity of parts and manufacturing process Resistor Values Type R1 (KΩ) R2 (KΩ) RC241S 1 1 RC242S 2.2 2.2 RC243S 4.7 4.7 RC244S 10 10 RC245S 1 10 RC246S 2.2 10 Absolute Maximum Ratings (Ta = 25 OC) Parameter Symbol Value Unit Output Voltage VO 50 V Input Voltage RC241S VI 10, -10 V RC242S 12, -10 RC243S 20, -10 RC244S 30, -10 RC245S 10, -5 RC246S 12, -6 Output Current IO 300 mA Total Power Dissipation Ptot 200 mW Junction Temperature Tj 150 O C Storage Temperature Range Tstg - 55 to + 150 O C Base (Input) Collector (Output) Emitter (Common) R1 R2 1. Emitter 2. Collector 3. Base TO-92 Plastic Package |
유사한 부품 번호 - STRC246 |
|
유사한 설명 - STRC246 |
|
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |