| 전자부품 데이터시트 검색엔진 |
|
ST755C 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST755C 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 16 page ![]() ST755C Application circuit 9/16 Note: Drawings not in scale Figure 4. Printed demoboard Pin 1 = VCC Pin 2 = VO Pin 3 = SHDN Pin 4 = GND Table 6. Component values Capacitor Value Unit Resistor Value Unit C1 47 µF R1 130 K Ω C2 100 µF R2 300 K Ω C3 82 pF R3 10 K Ω C4 1 µF R4 40.7 K Ω C5 10 µF R5 10 K Ω C6 47 pF |