| 전자부품 데이터시트 검색엔진 |
|
STR750FV2 데이터시트(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR750FV2 데이터시트(HTML) 14 Page - STMicroelectronics |
|
14 / 84 page ![]() Pin description STR750Fxx STR751Fxx STR752Fxx STR755Fxx 14/84 Table 4. LFBGA100 ball connections 12 3 4 5 6 7 8 9 10 A P0.03 P1.13 P1.14 P1.04 P1.06 P1.08 P0.05 P0.06 P0.07 P1.02 B P1.12 P0.02 P0.01 P1.05 P1.07 P1.09 P0.04 P2.13 P1.03 P2.10 C P0.31 P0.00 VDD_IO V18 P1.10 P2.09 VSS_IO VSSA_ADC P2.11 USB_DP D P0.29 P0.30 VSS_IO VSS18 P1.01 P1.15 VDD_IO VDDA_ADC P2.12 USB_DN E P0.28 P0.23 P0.22 VSS_IO TEST P1.00 NRSTOUT VREG_DIS NRSTIN P0.14 F P2.03 P0.21 P0.20 P2.02 P2.04 P2.05 P2.06 VSS18 VSSBKP P0.15 G NJTRST P1.18 P1.19 P2.01 P2.00 P2.07 2.08 V18REG V18BKP XRTC2 H P0.13 P1.16 P1.17 P2.19 P2.18 P2.17 P0.24 P2.14 P2.16 XRTC1 J P0.11 P0.12 P1.11 P0.27 P0.19 P0.26 P0.25 P2.15 VDD_IO VSS_IO K P0.10 P0.09 P0.08 P0.18 P0.17 P0.16 XT1 XT2 VDDA_PLL VSSA_PLL Table 5. LFBGA64 ball connections 12 34 5 6 78 A P0.03 VSS_IO P1.04 P1.06 P1.08 P0.05 P0.06 P0.07 B P1.12 VDD_IO P1.05 P1.07 P1.09 P0.04 P1.10 P1.03 C P0.01 P0.02 P0.00 V18 VSS18 VDD_IO VSS_IO P0.14 D P0.29 P0.28 TEST VSS_IO VREG_DIS VDDA_ADC VSSA_ADC P0.15 E P1.18 P1.19 P0.20 P0.21 NRSTOUT NRSTIN V18BKP XRTC2 F P0.13 NJTRST P1.16 P1.17 V18REG VSS18 VSSBKP XRTC1 G P0.11 P0.12 P1.11 P0.19 VDD_IO VSS_IO VDDA_PLL VSSA_PLL H P0.10 P0.09 P0.08 P0.17 P0.18 P0.16 XT2 XT1 |