전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STR750FV0H6 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 STR750FV0H6
상세설명  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FV0H6 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button STR750FV0H6 Datasheet HTML 8Page - STMicroelectronics STR750FV0H6 Datasheet HTML 9Page - STMicroelectronics STR750FV0H6 Datasheet HTML 10Page - STMicroelectronics STR750FV0H6 Datasheet HTML 11Page - STMicroelectronics STR750FV0H6 Datasheet HTML 12Page - STMicroelectronics STR750FV0H6 Datasheet HTML 13Page - STMicroelectronics STR750FV0H6 Datasheet HTML 14Page - STMicroelectronics STR750FV0H6 Datasheet HTML 15Page - STMicroelectronics STR750FV0H6 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
Pin description
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
12/84
4
Pin description
Figure 2.
LQFP100 pinout
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
ADC_IN13 / P1.12
ADC_IN0 / TIM2_OC1/ P0.02
MCO / TIM0_TI1 / P0.01
BOOT0 / TIM0_OC1 / P0.00
TIM1_TI2 / P0.31
TIM1_OC2 / P0.30
ADC_IN8 / TIM1_TI1 / P0.29
TIM1_OC1 / P0.28
TEST
VSS_IO
ADC_IN6 / UART1_RTS / P0.23
TIM2_OC1/ P2.04
UART1_RTS / P2.03
P2.02
ADC_IN5 / UART1_CTS / P0.22
UART1_TX / P0.21
UART1_RX / P0.20
JTMS / P1.19
JTCK / P1.18
JTDO / P1.17
JTDI / P1.16
NJTRST
P2.01
P2.00
UART0_RTS / RTCK / P0.13
VREG_DIS
VSS_IO
VSSA_ADC
P2.10
P2.11
VDDA_ADC
VDD_IO
P1.02 / TIM2_OC2
P1.03 / TIM2_TI2
USB_DP
USB_DN
P0.14 / CAN_RX
P0.15 / CAN_TX
P2.12
P2.13
P1.15 / WKP_STDBY
NRSTIN
NRSTOUT
XRTC2
XRTC1
V18BKP
VSSBKP
VSS18
V18REG
P2.14
LQFP100
V18BKP I/Os
= 16 A/D input channels
= 15 External interrupts / Wake-up Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84