전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS21962 데이터시트(PDF) 1 Page - Powerex Power Semiconductors

부품명 PS21962
상세설명  Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWEREX [Powerex Power Semiconductors]
홈페이지  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21962 데이터시트(HTML) 1 Page - Powerex Power Semiconductors

  PS21962 Datasheet HTML 1Page - Powerex Power Semiconductors PS21962 Datasheet HTML 2Page - Powerex Power Semiconductors PS21962 Datasheet HTML 3Page - Powerex Power Semiconductors PS21962 Datasheet HTML 4Page - Powerex Power Semiconductors PS21962 Datasheet HTML 5Page - Powerex Power Semiconductors PS21962 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Dual-In-Line Intelligent
Power Module
5 Amperes/600 Volts
PS21962, PS21962-A,
PS21962-C
1
Description:
DIP-IPMs are intelligent power
modules that integrate power
devices, drivers, and protection
circuitry in an ultra compact
dual-in-line transfer-mold package
for use in driving small three
phase motors. Use of 5th
generation IGBTs, DIP packaging,
and application specific HVICs
allow the designer to reduce
inverter size and overall design
time.
Features:
Compact Packages
Single Power Supply
Integrated HVICs
Direct Connection to CPU
Reduced Rth
Applications:
Refrigerators
Air Conditioners
Small Servo Motors
Small Motor Control
Ordering Information:
PS21962 is a 600V, 5 Ampere
short pin DIP Intelligent Power
Module.
PS21962-A – long pin type
PS21962-C – zigzag pin type
Dimensions
Inches
Millimeters
A
1.50±0.02
38.0±0.5
B
0.94±0.02
24.0±0.5
C
0.14
3.5
D
1.40
35.56
E
0.57±0.02
14.4±0.5
F
0.74±0.02
18.9±0.5
G
1.15±0.02
29.2±0.5
H
0.14
3.5
J
0.13
3.3
K
0.016
0.4
L
0.06±0.02
1.5±0.05
M
0.031
0.8
N
1.39±0.019
35.0±0.3
O
0.07±0.008
1.778±0.2
P
0.02
0.5
Q
0.47
12.0
Dimensions
Inches
Millimeters
R
0.011
0.28
S
0.12
3.08
T
0.024
0.6
U
0.1±0.008
2.54±0.2
V
1.33±0.02
33.7±0.5
W
0.03
0.678
X
0.04
1.0
Y
0.05
1.2
Z
1.40
35.56
AA
0.55±0.02
14.0±0.5
BB
0.37±0.02
9.5±0.5
CC
0.22±0.02
5.5±0.5
DD
0 ~ 5°
0 ~ 5°
EE
0.06 MIN.
1.5 Min.
FF
0.05
1.2
GG
0.063 Rad.
1.6 Rad.
Outline Drawing and Circuit Diagram
D
N
O
P
A
HEATSINK
SIDE
HEATSINK SIDE
D
B
C
E
E
G
H
J
K
L
M
N
O
P
Q
R
R
S
T
U
P
P
W
W
Y
Y
W
W
Y
Y
CC
FF
GG
EE
DD
EE
DD
DD
AA
(PS21962-A)
BB
(PS21962 / PS21962-C)
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
25
24
23
22
21
20
19
18
11 VN
12 WN
13 VN1
14 FO
15 CIN
6 VP
7 WP
8 VP1
9 VNC
10 UN
1 (VNC)
2 VUFB
3 VVFB
4 VWFB
5 UP
21 W
22 V
23 U
24 P
25 NC
16 VNC
17 VNO
18 NC
19 NC
20 N
TERMINAL CODE
X
DETAIL "A"
PS21962-C
PS21962 / PS21962-A
PS21962 / PS21962-A
DETAIL "B"
DETAIL "B"
PS21962
PS21962-A
DETAIL "A"
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Z
DETAIL "A"
D
N
O
P
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
PS21962-C
PS21962-C
X
R
HEATSINK
SIDE
C
E
G
H
J
L
M
DETAIL "B"
E
F
V
K
K


유사한 부품 번호 - PS21962

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
PS21962-4 MITSUBISHI-PS21962-4 Datasheet
179Kb / 10P
600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-4 MITSUBISHI-PS21962-4 Datasheet
185Kb / 10P
Dual-In-Line Package Intelligent Power Module
PS21962-4A MITSUBISHI-PS21962-4A Datasheet
179Kb / 10P
600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-4A MITSUBISHI-PS21962-4A Datasheet
185Kb / 10P
Dual-In-Line Package Intelligent Power Module
PS21962-4C MITSUBISHI-PS21962-4C Datasheet
179Kb / 10P
600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results

유사한 설명 - PS21962

제조업체부품명데이터시트상세설명
logo
Powerex Power Semicondu...
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21352-G POWEREX-PS21352-G Datasheet
89Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21542-G POWEREX-PS21542-G Datasheet
89Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21562 POWEREX-PS21562 Datasheet
83Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21961 POWEREX-PS21961 Datasheet
724Kb / 7P
Dual-In-Line Intelligent Power Module 3 Amperes/600 Volts
PS219B2-AS POWEREX-PS219B2-AS Datasheet
1Mb / 11P
Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-AST POWEREX-PS219B2-AST Datasheet
1Mb / 11P
Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-CS POWEREX-PS219B2-CS Datasheet
1Mb / 11P
Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-CST POWEREX-PS219B2-CST Datasheet
1Mb / 11P
Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com