전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP830 데이터시트(PDF) 8 Page - Toshiba Semiconductor

부품명 TLP830
상세설명  Infrared LED Phototransistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP830 데이터시트(HTML) 8 Page - Toshiba Semiconductor

  TLP830_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP830_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP830_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP830_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP830_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP830_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP830_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP830_07 Datasheet HTML 8Page - Toshiba Semiconductor TLP830_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TLP830(F)
2007-10-01
8
Positioning Of Shutter And Device
To operate correctly, make sure that the shutter and the device are positioned as shown in the figure below.
The shit pitch of the shutter must be set wider than the slit width of the device.
Determine the width taking the switching time into consideration.
A′
A
Shutter
Sensor center
A-A’ cross section
Unit in mm
Distance d (mm)
Detecting position
characteristics(1)
(typ.)
1.2
0
−0.2
1.0
0.8
0.6
0.4
0.2
−0.1
0
0.1
0.2
0.3
0.4
0
+
d
IF=10mA
VCE=2V
Ta=25°C
shutter
Detection
position
d = 0 ±0.11 mm
Detecting position
characteristics(2)
(typ.)
Distance d (mm)
1.2
0
1.0
0.8
0.6
0.4
0.2
3
4
5
6
7
8
9
d
IF=10mA
VCE=2V
Ta=25°C
shutter
Detection
position
d=5.5 −1.5 mm
+1.1



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com