전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JBT6K49-AS 데이터시트(PDF) 9 Page - Toshiba Semiconductor

부품명 JBT6K49-AS
상세설명  Power supply IC for TFT LCD Panels
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JBT6K49-AS 데이터시트(HTML) 9 Page - Toshiba Semiconductor

Back Button JBT6K49-AS Datasheet HTML 5Page - Toshiba Semiconductor JBT6K49-AS Datasheet HTML 6Page - Toshiba Semiconductor JBT6K49-AS Datasheet HTML 7Page - Toshiba Semiconductor JBT6K49-AS Datasheet HTML 8Page - Toshiba Semiconductor JBT6K49-AS Datasheet HTML 9Page - Toshiba Semiconductor JBT6K49-AS Datasheet HTML 10Page - Toshiba Semiconductor JBT6K49-AS Datasheet HTML 11Page - Toshiba Semiconductor JBT6K49-AS Datasheet HTML 12Page - Toshiba Semiconductor JBT6K49-AS Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
JBT6K49-AS
2002-03-12
9
Description of Functions and Operation
DC-DC converter
The JBT6K49-AS generates an analog supply voltage for the source driver (T6K47) and an LCD-driving
voltage for the gate driver (T6K48). The DC-DC converter consists of three circuit blocks which output +4.8 V,
+13.0 V and -13.0 V. The ways in which the DC-DC converter can be used are shown below.
Note 2: Connect a voltage boosting kick capacitor or capacitors to each circuit block. Normally the capacitance of
the kick capacitor should be 1.0
mF. Connect a 10 mF capacitor across the boosted-voltage output pin and
the VSS pin of DC-DC converter (1), since the voltage generated in the DC-DC converter is unstable. In
addition, connect a 1
mF capacitor across the boosted-voltage output pin and the VSS pin of DC-DC
converter (1).
Oscillation Circuit
The JBT6K49-AS generates the clock pulse used by the DC-DC converter. The FSEL1 and FSEL2 pins can be
used to select the clock oscillation frequency. The following table lists the correspondence between the pin
settings and the selected frequency.
FSEL2
FSEL1
Oscillation Frequency (initial value)
0
0
3.5 kHz
0
1
5.0 kHz
1
0
7.0 kHz
1
1
10.0 kHz
Note 3: The relationship of the oscillation frequency and the oscillation resistance depends on assembly and
measuring conditions.
Therefore, select the oscillation resistance after enough evaluating.
DC-DC converter (1):
Generates
+4.8 V.
CA1
-
CA1
+
CA2
-
CA2
+
CB1
-
CB1
+
CB5
-
CB5
+
CC1
-
CC1
+
DC-DC converter (1):
Generates
+13.0 V.
DC-DC converter (1):
Generates
-13.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com