전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JBT6L77-AS 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 JBT6L77-AS
상세설명  Source Driver for TFT LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JBT6L77-AS 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  JBT6L77-AS Datasheet HTML 1Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 2Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 3Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 4Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 5Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 6Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 7Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 8Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
JBT6L77-AS
2001-12-18
5
[Unit:
mm]
No.
Name
X Point
Y Point
No.
Name
X Point
Y Point
No.
Name
X Point
Y Point
115
TEG8
4965.0
-606
156
SB5
5326.0
481
197
SA19
3276.0
621
116
TEG9
5035.0
-606
157
SC5
5276.0
621
198
SB19
3226.0
481
117
VSS
5182.5
-606
158
SA6
5226.0
481
199
SC19
3176.0
621
118
VSS
5277.5
-606
159
SB6
5176.0
621
200
SA20
3126.0
481
119
VSS
5372.5
-606
160
SC6
5126.0
481
201
SB20
3076.0
621
120
VSS
5467.5
-606
161
SA7
5076.0
621
202
SC20
3026.0
481
121
VSS
5562.5
-606
162
SB7
5026.0
481
203
SA21
2976.0
621
122
VSS
5657.5
-606
163
SC7
4976.0
621
204
SB21
2926.0
481
123
AVDD
5832.5
-606
164
SA8
4926.0
481
205
SC21
2876.0
621
124
AVDD
5927.5
-606
165
SB8
4876.0
621
206
SA22
2826.0
481
125
AVDD
6022.5
-606
166
SC8
4826.0
481
207
SB22
2776.0
621
126
AVDD
6117.5
-606
167
SA9
4776.0
621
208
SC22
2726.0
481
127
AVDD
6212.5
-606
168
SB9
4726.0
481
209
SA23
2676.0
621
128
AVDD
6307.5
-606
169
SC9
4676.0
621
210
SB23
2626.0
481
129
DUMMY
6488.5
-439
170
SA10
4626.0
481
211
SC23
2576.0
621
130
DUMMY
6488.5
-339
171
SB10
4576.0
621
212
SA24
2526.0
481
131
DUMMY
6488.5
-239
172
SC10
4526.0
481
213
SB24
2476.0
621
132
DUMMY
6488.5
-139
173
SA11
4476.0
621
214
SC24
2426.0
481
133
DUMMY
6488.5
-39
174
SB11
4426.0
481
215
SA25
2376.0
621
134
DUMMY
6488.5
61
175
SC11
4376.0
621
216
SB25
2326.0
481
135
DUMMY
6488.5
161
176
SA12
4326.0
481
217
SC25
2276.0
621
136
DUMMY
6488.5
261
177
SB12
4276.0
621
218
SA26
2226.0
481
137
DUMMY
6488.5
361
178
SC12
4226.0
481
219
SB26
2176.0
621
138
DUMMY
6488.5
461
179
SA13
4176.0
621
220
SC26
2126.0
481
139
DUMMY
6488.5
561
180
SB13
4126.0
481
221
SA27
2076.0
621
140
DUMMY
6276.0
621
181
SC13
4076.0
621
222
SB27
2026.0
481
141
DUMMY
6176.0
621
182
SA14
4026.0
481
223
SC27
1976.0
621
142
DUMMY
6076.0
621
183
SB14
3976.0
621
224
SA28
1926.0
481
143
SA1
5976.0
621
184
SC14
3926.0
481
225
SB28
1876.0
621
144
SB1
5926.0
481
185
SA15
3876.0
621
226
SC28
1826.0
481
145
SC1
5876.0
621
186
SB15
3826.0
481
227
SA29
1776.0
621
146
SA2
5826.0
481
187
SC15
3776.0
621
228
SB29
1726.0
481
147
SB2
5776.0
621
188
SA16
3726.0
481
229
SC29
1676.0
621
148
SC2
5726.0
481
189
SB16
3676.0
621
230
SA30
1626.0
481
149
SA3
5676.0
621
190
SC16
3626.0
481
231
SB30
1576.0
621
150
SB3
5626.0
481
191
SA17
3576.0
621
232
SC30
1526.0
481
151
SC3
5576.0
621
192
SB17
3526.0
481
233
SA31
1476.0
621
152
SA4
5526.0
481
193
SC17
3476.0
621
234
SB31
1426.0
481
153
SB4
5476.0
621
194
SA18
3426.0
481
235
SC31
1376.0
621
154
SC4
5426.0
481
195
SB18
3376.0
621
236
SA32
1326.0
481
155
SA5
5376.0
621
196
SC18
3326.0
481
237
SB32
1276.0
621



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20