전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APC12 데이터시트(PDF) 20 Page - Astec America, Inc

부품명 APC12
상세설명  Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input, 0.9V to 3.6V Output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASTEC [Astec America, Inc]
홈페이지  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC12 데이터시트(HTML) 20 Page - Astec America, Inc

Back Button APC12_02 Datasheet HTML 15Page - Astec America, Inc APC12_02 Datasheet HTML 16Page - Astec America, Inc APC12_02 Datasheet HTML 17Page - Astec America, Inc APC12_02 Datasheet HTML 18Page - Astec America, Inc APC12_02 Datasheet HTML 19Page - Astec America, Inc APC12_02 Datasheet HTML 20Page - Astec America, Inc APC12_02 Datasheet HTML 21Page - Astec America, Inc APC12_02 Datasheet HTML 22Page - Astec America, Inc APC12_02 Datasheet HTML 23Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Technical Reference Notes
APC12 Centauri II
MODEL: APC12 SERIES
SHEET 20 OF 23
JANUARY 6, 2002 REVISION A (PRELIMINARY)
Mechanical Specifications
OUTLINE DRAWING
Parameter
Device
Symbol
Min
Typ
Max
Unit
Dimension
All
L
-
-
1.300 (33.02)
in (mm)
W
-
-
0.630 (16.00)
in (mm)
H
-
-
0.370 ( 9.34)
in (mm)
Weight
All
-
-
5 (0.16)
10 (0.32)
g (oz)
Figure 46. Mechanical Outline (in inches).
PIN / PIN DIMENSION
Nominal Pin
Dimension
0.055 X 0.102 [in]
Suggested Pad
Dimensions
0.070 X 0.110 [in]
Figure 55. Recommended PAD Layout.
Figure 56. APC12 Mechanical Outline.
Recommended
Pick Up Point –
flat surface of
inductor
3.18
2.54
1.91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com