전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA2145AFG 데이터시트(PDF) 13 Page - Toshiba Semiconductor

부품명 TA2145AFG
상세설명  3 V Stereo Headphone Amplifier (3 V USE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2145AFG 데이터시트(HTML) 13 Page - Toshiba Semiconductor

Back Button TA2145AFG Datasheet HTML 8Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 9Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 10Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 11Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 12Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 13Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 14Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 15Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 16Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TA2145AFG
2006-04-19
13
Ambient temperature
Ta
(°C)
VO (DC) – Ta
Ambient temperature
Ta
(°C)
PRE
GV, Vom – Ta
Ambient temperature
Ta
(°C)
PRE
THD – Ta
Ambient temperature
Ta
(°C)
PW
GV, Po – Ta
Ambient temperature
Ta
(°C)
PW
THD – Ta
Ambient temperature
Ta
(°C)
GVN
∆VREF, ∆K – Ta
−20
0
20
60
80
40
1
0
0.5
1.5
VREF, PW OUT, PRE OUT
GV: Vo = −10dBV
Vom: THD = 1%
Vom
−20
0
20
60
80
40
760
600
720
800
640
680
38
30
34
40
32
36
GV
GV: Vo = −10dBV
Po: THD = 10%
−20
0
20
60
80
40
40
10
30
50
20
25
30
35
GV
Po
−20
0
20
60
80
40
0.1
0.001
1
0.01
Vo = −10dBV
−20
0
20
60
80
40
Po = 1 mW
2
0.1
10
0.5
0.2
1
5
∆VREF
−20
0
20
60
80
40
2
−6
6
−2
−4
0
4
∆K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com