전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA.2C.306.CLLC42Z 데이터시트(PDF) 1 Page - LEMO Connectors

부품명 PCA.2C.306.CLLC42Z
상세설명  Socket / Receptacle - Free
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEMO [LEMO Connectors]
홈페이지  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

PCA.2C.306.CLLC42Z 데이터시트(HTML) 1 Page - LEMO Connectors

  PCA.2C.306.CLLC42Z Datasheet HTML 1Page - LEMO Connectors PCA.2C.306.CLLC42Z Datasheet HTML 2Page - LEMO Connectors PCA.2C.306.CLLC42Z Datasheet HTML 3Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.lemo.com/int_en/pca-2c-306-cllc42z.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
PCA.2C.306.CLLC42Z
Image for illustrative purpose only
Summary
Request a quote
Catalog
Number of contacts Low Voltage
6
Wire Size/AWG
28 - 20
Socket / Receptacle
Socket / Receptacle - Free
Locking system
Push-pull
Jacket cable outside diameter [mm]
3.70 - 4.10 mm
Size
2C
Suggested matching part
FFA.2C.306.CLAC42Z


유사한 부품 번호 - PCA.2C.306.CLLC42Z

제조업체부품명데이터시트상세설명
logo
LEMO Connectors
PCA.2C.306.CLLC42 LEMO-PCA.2C.306.CLLC42 Datasheet
91Kb / 3P
Socket / Receptacle - Free
More results

유사한 설명 - PCA.2C.306.CLLC42Z

제조업체부품명데이터시트상세설명
logo
Aries Electronics, Inc.
24-6556-10 ARIES-24-6556-10 Datasheet
705Kb / 2P
Universal Test Socket Receptacle
logo
MolexKits
76650-0160 MOLEXKITS-76650-0160 Datasheet
39Kb / 3P
Free Hanging Plug and Receptacle
logo
Molex Electronics Ltd.
0355130200 MOLEX5-0355130200 Datasheet
86Kb / 2P
FSM Bulb Socket Receptacle
logo
Samtec, Inc
ASP-103612-02 SAMTEC-ASP-103612-02 Datasheet
719Kb / 2P
VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-03 SAMTEC-ASP-103612-03 Datasheet
400Kb / 2P
VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-04 SAMTEC-ASP-103612-04 Datasheet
661Kb / 2P
VITA 42 lif (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-05 SAMTEC-ASP-103612-05 Datasheet
721Kb / 2P
VITA 42 (LEAD FREE) SOCKET ASSEMBLY
logo
Aries Electronics, Inc.
10003 ARIES-10003 Datasheet
829Kb / 2P
Universal Test Socket Receptacle
logo
TE Connectivity Ltd
C-2213230 TEC-C-2213230 Datasheet
445Kb / 2P
FREE HANGING, SOCKET: SEALED NECTOR M, 5 POSN
C-2213239 TEC-C-2213239 Datasheet
443Kb / 2P
FREE HANGING,SOCKET SEALED NECTOR M, 6 POSN
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com