전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BH-2000 데이터시트(PDF) 3 Page - Metcal

부품명 BH-2000
상세설명  Modular Convection Rework System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  METCAL [Metcal]
홈페이지  https://www.metcal.com/
Logo METCAL - Metcal

BH-2000 데이터시트(HTML) 3 Page - Metcal

  BH-2000 Datasheet HTML 1Page - Metcal BH-2000 Datasheet HTML 2Page - Metcal BH-2000 Datasheet HTML 3Page - Metcal BH-2000 Datasheet HTML 4Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LightMagnifierAdd-on
The
LM-1000ALightMagnifierisanintegratedlightandmagnifier.Itfeaturesa4xmagnification
lens and an integrated LED lighting system for shadow free illumination. Supplied with base plate.
The LM-1000Aincludes: LM-1000 Light Magnifier and LM-BPbase plate.
AdjustableToolHolderOption
TheATH-1100Acan be attached to the PCT-1000 or used as a standalone unit thanks to its base plate.
ATH-BASE Optional Base plate forATH-1100A.
OtherBoardHolderOptions
BH-1000
Post-Rail Board Holder(incl. 4 posts, 2 rails with sliding clips, 4 support
pins and flat-head support)
BH-PK1000
Board Holder Pin Kit (incl. 2 discs, 2 long pins, 2 short pins)
NozzlesforHCT-1000
Aseries of 14 Nozzles are available for use with the MRS-1100A/ HCT-1000. The nozzles fit
applications reworking components of all sizes from (including, but not limited to) BGAs,
QFPs, LGAs, PLCC and SOIC.Acustom nozzle program is also available.
HCT-NC
Carrier for HN Series Nozzles
OtherAccessoriesforHCT-1000
HCT-FS2
Footswitch, Dual, HCT-1000
HCT-HTRASSY
HeaterAssembly
AC-TCK-40-36
Thermocouple 40AWG, pack of 2
MRS-1100AFeatures
Digital display for repeatable temperature settings
and profile control
Automatic control of the preheater for simple operation
Easy profile creation for operator repeatability
Integrated vacuum pickup for easy component removal
Hand held or tool holder mounted for operator comfort
Manual mode for quick setup
Externalthermocoupleforprocesssetupandverification
Digital controlled airflow for repeatable results
X,Y, Z andTheta controls for component alignment
Adjustable PCB holder for easy change outs
Automatic vacuum lift off at the end of the cycle
Password lockout of programmed profiles
ACCESSORIES
BH-1000
LM-1000A
LM-BP
HCT-FS2
MRS-1100AApplications
The MRS-1100Ais perfect for removal and reflow of
SMTComponents. Specific examples of applications
include:
Simple removal and replacement of delicate SMT
components.
Quick, easy and cost effective removal of BGA&
CSPthat will later be placed with your dedicated
Array Package Rework System, this increases the
productivity of your rework area and reduces your
technicians workload.
Automatically lifts the component at the end of the
cycle preventing operators from prematurely lifting
components and damaging expensive PCBs.
HCT-NC
HN Series Nozzles
BH-PK1000



Html Pages

1 2 3 4