| 전자부품 데이터시트 검색엔진 |
|
STM32U545JEY6Q 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U545JEY6Q 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 30 page ![]() Introduction STM32Cube is an STMicroelectronics original initiative to improve designer productivity significantly by reducing development effort, time, and cost. STM32Cube covers the whole STM32 portfolio. STM32Cube includes: • A set of user-friendly software development tools to cover project development from conception to realization, among which are: – STM32CubeMX, a graphical software configuration tool that allows the automatic generation of C initialization code using graphical wizards – STM32CubeIDE, an all-in-one development tool with peripheral configuration, code generation, code compilation, and debug features – STM32CubeCLT, an all-in-one command-line development toolset with code compilation, board programming, and debug features – STM32CubeProgrammer (STM32CubeProg), a programming tool available in graphical and command-line versions – STM32CubeMonitor (STM32CubeMonitor, STM32CubeMonPwr, STM32CubeMonRF, STM32CubeMonUCPD), powerful monitoring tools to fine-tune the behavior and performance of STM32 applications in real time • STM32Cube MCU and MPU Packages, comprehensive embedded-software platforms specific to each microcontroller and microprocessor series (such as STM32CubeU5 for the STM32U5 series), which include: – STM32Cube hardware abstraction layer (HAL), ensuring maximized portability across the STM32 portfolio – STM32Cube low-layer APIs, ensuring the best performance and footprints with a high degree of user control over hardware – A consistent set of middleware components such as ThreadX, FileX / LevelX, NetX Duo, USBX, USB-PD, touch library, network library, mbed-crypto, TFM, and OpenBL – All embedded software utilities with full sets of peripheral and applicative examples • STM32Cube Expansion Packages, which contain embedded software components that complement the functionalities of the STM32Cube MCU and MPU Packages with: – Middleware extensions and applicative layers – Examples running on some specific STMicroelectronics development boards This user manual describes how to get started with the STM32CubeU5 MCU Package. STM32CubeU5 main features describes the main features of the STM32CubeU5 MCU package. STM32CubeU5 architecture overview and STM32CubeU5 MCU package overview provide an overview of the STM32CubeU5 architecture and MCU package structure. Getting started with STM32CubeU5 for STM32U5 series UM2883 User manual UM2883 - Rev 4 - January 2024 For further information contact your local STMicroelectronics sales office. www.st.com |
유사한 부품 번호 - STM32U545JEY6Q |
|
유사한 설명 - STM32U545JEY6Q |