전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TB2104F 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TB2104F
상세설명  VFD Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2104F 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TB2104F_02 Datasheet HTML 1Page - Toshiba Semiconductor TB2104F_02 Datasheet HTML 2Page - Toshiba Semiconductor TB2104F_02 Datasheet HTML 3Page - Toshiba Semiconductor TB2104F_02 Datasheet HTML 4Page - Toshiba Semiconductor TB2104F_02 Datasheet HTML 5Page - Toshiba Semiconductor TB2104F_02 Datasheet HTML 6Page - Toshiba Semiconductor TB2104F_02 Datasheet HTML 7Page - Toshiba Semiconductor TB2104F_02 Datasheet HTML 8Page - Toshiba Semiconductor TB2104F_02 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TB2104F
2002-10-30
3
Explanation Of Operation
1. Serial data receiver circuit
· The serial data receiver circuit can be changed over to operate in the serial mode or the T-BUS mode by
switching, the AD1 / AD2 terminals.
· In T-BUS mode, the AD1 / AD2 terminals become the chip select code inputs and it becomes possible to
connect up to 8 drivers on the same bus line.
1) Input data format in serial data mode (AD1 = AD2 = “open”)
· Display data are updated when data for 20 bits are input from MSB side (HVO-20), synchronizing
with rise of CLK signal and LS input is set to “H” level after inputting data.
· When increasing driver ICs, connect them through cascade connection as shown below:
2. Input data format in T-BUS mode



Html Pages

1 2 3 4 5 6 7 8 9