전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5962F9563002VYC 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 5962F9563002VYC
상세설명  Rad-Hard 16 Channel BiCMOS Analog Multiplexer with High-Z Analog Input Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5962F9563002VYC 데이터시트(HTML) 4 Page - Renesas Technology Corp

  5962F9563002VYC Datasheet HTML 1Page - Renesas Technology Corp 5962F9563002VYC Datasheet HTML 2Page - Renesas Technology Corp 5962F9563002VYC Datasheet HTML 3Page - Renesas Technology Corp 5962F9563002VYC Datasheet HTML 4Page - Renesas Technology Corp 5962F9563002VYC Datasheet HTML 5Page - Renesas Technology Corp 5962F9563002VYC Datasheet HTML 6Page - Renesas Technology Corp 5962F9563002VYC Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HS-1840ARH, HS-1840AEH, HS-1840BRH, HS-1840BEH
FN4355 Rev 6.00
Page 4 of 7
May 23, 2013
Burn-In/Life Test Circuits
FIGURE 1. DYNAMIC BURN-IN AND LIFE TEST CIRCUIT
FIGURE 2. .STATIC BURN-IN TEST CIRCUIT
NOTES:
1. The above test circuits are utilized for all package types.
2. The Dynamic Test Circuit is utilized for all life testing.
Irradiation Circuit
HS-1840ARH, HS-1840AEH, HS-1840BRH, HS-1840BEH
NOTE:
3. All irradiation testing is performed in the 28 lead CERDIP package.
R
R
GND
+VS
R
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
F4
F3
F1
F5
F2
-VS
NOTE:
VS+ = +15.5V ±0.5V, VS- = -15.5V ±0.5V.
R = 1kΩ ±5%.
C1 = C2 = 0.01µF ±10%, 1 EACH PER SOCKET, MINIMUM.
D1 = D2 = 1N4002, 1 EACH PER BOARD, MINIMUM.
INPUT SIGNALS:
SQUARE WAVE, 50% DUTY CYCLE, 0V TO 15V PEAK ±10%.
F1 = 100kHz; F2 = F1/2; F3 = F1/4; F4 = F1/8; F5 = F1/16.
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
R
R
R
GND
VR
+VS
R
-VS
NOTE:
R = 1kΩ ±5%, 1/4W.
C1 = C2 = 0.01µF MINIMUM, 1 EACH PER SOCKET, MINIMUM.
VS+ = 15.5V ±0.5V, VS- = -15.5V ±0.5V, VR = 15.5 ±0.5V
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1k
+15V
+1V
+5V
NC
NC
-15V
1
2
3
4
5
6
7
8
9
10
11
12
13
14



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com