| 전자부품 데이터시트 검색엔진 |
|
ST72F521M9TC 데이터시트(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F521M9TC 데이터시트(HTML) 31 Page - STMicroelectronics |
|
31 / 215 page ![]() ST72F521, ST72521B 31/215 SYSTEM INTEGRITY MANAGEMENT (Cont’d) 6.4.3 Low Power Modes 6.4.3.1 Interrupts The AVD interrupt event generates an interrupt if the corresponding Enable Control Bit (AVDIE) is set and the interrupt mask in the CC register is re- set (RIM instruction). Mode Description WAIT No effect on SI. AVD interrupts cause the device to exit from Wait mode. HALT The CRSR register is frozen. Interrupt Event Event Flag Enable Control Bit Exit from Wait Exit from Halt AVD event AVDF AVDIE Yes No |