| 전자부품 데이터시트 검색엔진 |
|
ST72F521AR6T3 데이터시트(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F521AR6T3 데이터시트(HTML) 13 Page - STMicroelectronics |
|
13 / 215 page ![]() ST72F521, ST72521B 13/215 column (wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input, else the configuration is floating interrupt input. 2. In the open drain output column, “T” defines a true open drain I/O (P-Buffer and protection diode to VDD are not implemented). See See “I/O PORTS” on page 47. and Section 12.8 I/O PORT PIN CHARACTER- ISTICS for more details. 3. OSC1 and OSC2 pins connect a crystal/ceramic resonator, or an external source to the on-chip oscil- lator; see Section 1 INTRODUCTION and Section 12.5 CLOCK AND TIMING CHARACTERISTICS for more details. 4. On the chip, each I/O port may have up to 8 pads. Pads that are not bonded to external pins are in input pull-up configuration after reset. The configuration of these pads must be kept at reset state to avoid add- ed current consumption. |