전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ENT1D-B16-R00025L 데이터시트(PDF) 2 Page - Bourns Electronic Solutions

부품명 ENT1D-B16-R00025L
상세설명  EN - Rotary Optical Encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ENT1D-B16-R00025L 데이터시트(HTML) 2 Page - Bourns Electronic Solutions

  ENT1D-B16-R00025L Datasheet HTML 1Page - Bourns Electronic Solutions ENT1D-B16-R00025L Datasheet HTML 2Page - Bourns Electronic Solutions ENT1D-B16-R00025L Datasheet HTML 3Page - Bourns Electronic Solutions ENT1D-B16-R00025L Datasheet HTML 4Page - Bourns Electronic Solutions ENT1D-B16-R00025L Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EN – Rotary Optical Encoder
Mechanical Characteristics
Mechanical Angle ........................................................................................................................................................................................ 360 ° Continuous
Torque (Starting and Running)
A & C Bushings (Spring Loaded for Optimum Feel)..............................................................................................................1 N-cm (1.5 oz-in.) maximum
W, S & T Bushings (Ball Bearing Shaft Support)..............................................................................................................0.07 N-cm (0.1 oz-in.) maximum
Mounting Torque.................................................................................................................................................... 1.7 to 2.0 N-m (15 to 18 lb.-in.) maximum
Shaft End Play.................................................................................................................................................................. 0.30 mm (0.012 ˝) T.I.R. maximum
Shaft Radial Play.............................................................................................................................................................. 0.12 mm (0.005 ˝) T.I.R. maximum
Weight ..........................................................................................................................................................................................................11 gms. (0.4 oz.)
Terminals ......................................................................................................................................................................Axial or radial pc pins or ribbon cable
Soldering Condition
Manual Soldering...................................................................................................................96.5Sn/3.0Ag/0.5Cu solid wire or no-clean rosin cored wire
370 °C (700 °F) max. for 3 seconds
Wave Soldering ...........................................................................................................................................96.5Sn/3.0Ag/0.5Cu solder with no-clean flux
260 °C (500 °F) max. for 5 seconds
Wash processes .................................................................................................................................................................................... Not recommended
Marking.................................................................................................................................Manufacturer’s trademark, name, part number, and date code.
Hardware.................................................................One lockwasher and one mounting nut supplied with each encoder, except on servo mount versions.
Quadrature Output Table
OUTPUT VOLTAGE
Channel A
Channel B
1 cycle
Clockwise rotation
360 ° ± 90 °
STANDARD RESOLUTIONS AVAILABLE
(Full quadrature output cycles per shaft revolution)
25*
125
50*
128
64
200
100
256
For Non-Standard Resolutions—Consult Factory
* Channel B leads Channel A
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com