전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4514BCWM 데이터시트(PDF) 6 Page - SYC Electronica

부품명 CD4514BCWM
상세설명  4-Bit Latched/4-to-16 Line Decoders
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYC [SYC Electronica]
홈페이지  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4514BCWM 데이터시트(HTML) 6 Page - SYC Electronica

  CD4514BCWM Datasheet HTML 1Page - SYC Electronica CD4514BCWM Datasheet HTML 2Page - SYC Electronica CD4514BCWM Datasheet HTML 3Page - SYC Electronica CD4514BCWM Datasheet HTML 4Page - SYC Electronica CD4514BCWM Datasheet HTML 5Page - SYC Electronica CD4514BCWM Datasheet HTML 6Page - SYC Electronica CD4514BCWM Datasheet HTML 7Page - SYC Electronica CD4514BCWM Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Applications
Two CD4512 8-channel data selectors are used here with
the CD4514B 4-bit latch/decoder to effect a complex data
routing system. A total of 16 inputs from data registers are
selected and transferred via a 3-STATE data bus to a data
distributor for rearrangement and entry into 16 output regis-
ters. In this way sequential data can be re-routed or inter-
mixed according to patterns determined by data select and
distribution inputs.
Data is placed into the routing scheme via the 8 inputs on
both CD4512 data selectors. One register is assigned to
each input. The signals on A0, A1 and A2 choose 1-of-8
inputs for transfer out to the 3-STATE data bus. A fourth
signal, labelled Dis, disables one of the CD4512 selectors,
assuring transfer of data from only one register.
In addition to a choice of input registers, 1–16, the rate of
transfer of the sequential information can also be varied.
That is, if the CD4512 were addressed at a rate that is 8
times faster than the shift frequency of the input registers,
the most significant bit (MSB) from each register could be
selected for transfer to the data bus. Therefore, all of the
most significant bits from all of the registers can be trans-
ferred to the data bus before the next most significant bit is
presented for transfer by the input registers.
Information from the 3-STATE bus is redistributed by the
CD4514B 4-bit latch/decoder. Using the 4-bit address,
INA–IND, the information on the inhibit line can be trans-
ferred to the addressed output line to the desired output
registers, A–P. This distribution of data bits to the output
registers can be made in many complex patterns. For
example, all of the most significant bits from the input regis-
ters can be routed into output register A, all of the next
most significant bits into register B, etc. In this way horizon-
tal, vertical, or other methods of data slicing can be imple-
mented.
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8