전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADG901 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADG901
상세설명  0 Hz to 4.5 GHz, 40 dB Off Isolation at 1 GHz, 17 dBm P1dB at 1 GHz SPST Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADG901 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADG901 Datasheet HTML 4Page - Analog Devices ADG901 Datasheet HTML 5Page - Analog Devices ADG901 Datasheet HTML 6Page - Analog Devices ADG901 Datasheet HTML 7Page - Analog Devices ADG901 Datasheet HTML 8Page - Analog Devices ADG901 Datasheet HTML 9Page - Analog Devices ADG901 Datasheet HTML 10Page - Analog Devices ADG901 Datasheet HTML 11Page - Analog Devices ADG901 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ADG901/ADG902
Data Sheet
Rev. D | Page 8 of 13
0
–35
–30
–20
–10
–25
–15
–5
10k
100k
100M
1M
10M
1G
10G
FREQUENCY (Hz)
TA = 25°C
VDD = 2.5V
ON SWITCH
OFF SWITCH
Figure 12. Return Loss vs. Frequency (S11)
CH1 = CTRL = 1V/DIV
CH2 = RFx = 100mV/DIV
tRISE = 2.8ns
tFALL = 5.1ns
CH2
CH1
Figure 13. Switch Timing
CH1 500mV
CH2 1mV
10.0ns
1
2
CTRL
RFx
CH2 pk-pk
2.016mV
Figure 14. Video Feedthrough
40
0
5
10
15
20
25
30
35
250
350
450
550
650
750
850
FREQUENCY (MHz)
VDD = 2.5V
TA = 25C
Figure 15. IP3 vs. Frequency
20
0
2
4
6
8
10
12
14
16
18
0
250
500
750
1000
1250
1500
FREQUENCY (MHz)
VDD = 2.5V
TA = 25C
Figure 16. P−1dB vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com