전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF5901 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADF5901
상세설명  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF5901 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADF5901 Datasheet HTML 4Page - Analog Devices ADF5901 Datasheet HTML 5Page - Analog Devices ADF5901 Datasheet HTML 6Page - Analog Devices ADF5901 Datasheet HTML 7Page - Analog Devices ADF5901 Datasheet HTML 8Page - Analog Devices ADF5901 Datasheet HTML 9Page - Analog Devices ADF5901 Datasheet HTML 10Page - Analog Devices ADF5901 Datasheet HTML 11Page - Analog Devices ADF5901 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
UG-866
EV-RADAR-MMIC2 User Guide
Rev. B | Page 8 of 28
ADF5901 CONTROLS
The ADF5901 Controls tab controls the ADF5901 device
settings (see Figure 4).
Use the RF Settings pane to control the output frequency. Type
the desired output frequency, in MHz, in the VCO Frequency
field.
To the right of the RF Settings pane, general options are
available for the registers of the ADF5901, including calibration
control and register readback.
When the device initially powers up, click Initialize ADF5901 to
perform the initialization sequence as described in the ADF5901
data sheet.
Following the initialization sequence, the device powers up and
all the ADF5901 blocks calibrate.
Figure 4. ADF5901 Controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28