| 전자부품 데이터시트 검색엔진 |
|
E756NEO 데이터시트(PDF) 1 Page - Eclipse Magnetics Ltd |
|
|
|||||||||||||||||||||||||||||
E756NEO 데이터시트(HTML) 1 Page - Eclipse Magnetics Ltd |
|
1 / 2 page ![]() Neodymium Magnets Deep Pots ■ Highest strength magnet material available ■ Cylindrical magnets in a brass pot. Steel pole pieces ■ Pot is an essential part of the magnetic circuit ■ Both poles are on one face providing superior grip at contact ■ Suitable for gripping and lifting applications ■ Ideal for use in positioning jigs and soldering fixtures ■ Maximum temperature 80°C Product No. Diameter Height Unit of pack Min. pull (mm) (N) E750NEO 6 20 20 10 E751NEO 8 20 20 25 E752NEO 10 20 20 45 E753NEO 13 20 20 70 E754NEO 16 20 10 150 E755NEO 20 25 5 280 E756NEO 25 35 2 450 E757NEO 32 45 2 700 Shallow Pots ■ Highest strength magnet material available ■ Cylindrical magnets in zinc plated mild steel pot ■ Pot is an essential part of the magnetic circuit ■ Both poles are on one face providing superior grip at contact ■ Suitable for gripping and lifting applications ■ Ideal for use in positioning jigs and soldering fixtures ■ Maximum temperature 80°C Product No. Diameter Height Unit of pack Min. pull (mm) (N) E760NEO 6 4.5 20 5 E761NEO 8 4.5 20 13 E762NEO 10 4.5 20 25 E763NEO 13 4.5 20 60 E764NEO 16 4.5 20 95 E765NEO 20 6 10 140 E766NEO 25 7 10 200 E767NEO 32 7 10 350 |
유사한 부품 번호 - E756NEO |
|
유사한 설명 - E756NEO |