전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP151 데이터시트(PDF) 20 Page - Analog Devices

부품명 ADP151
상세설명  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP151 데이터시트(HTML) 20 Page - Analog Devices

Back Button ADP151 Datasheet HTML 15Page - Analog Devices ADP151 Datasheet HTML 16Page - Analog Devices ADP151 Datasheet HTML 17Page - Analog Devices ADP151 Datasheet HTML 18Page - Analog Devices ADP151 Datasheet HTML 19Page - Analog Devices ADP151 Datasheet HTML 20Page - Analog Devices ADP151 Datasheet HTML 21Page - Analog Devices ADP151 Datasheet HTML 22Page - Analog Devices ADP151 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Data Sheet
ADP151
PRINTED CIRCUIT BOARD LAYOUT CONSIDERATIONS
analog.com
Rev. J | 20 of 23
Heat dissipation from the package can be improved by increasing
the amount of copper attached to the pins of the ADP151. However,
as listed in Table 6, a point of diminishing returns is eventually
reached beyond which an increase in the copper size does not yield
significant heat dissipation benefits.
Place the input capacitor as close as possible to the VIN and the
GND pins. Place the output capacitor as close as possible to the
VOUT and the GND pins. Use of 0402 or 0603 size capacitors and
resistors achieves the smallest possible footprint solution on boards
where area is limited.
Figure 60. Example TSOT PCB Layout
Figure 61. Example WLCSP PCB Layout
Figure 62. Example LFCSP PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23