전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AC03-8R2-5. 데이터시트(PDF) 13 Page - YAGEO Corporation

부품명 AC03-8R2-5.
상세설명  Cemented wirewound resistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAGEO [YAGEO Corporation]
홈페이지  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC03-8R2-5. 데이터시트(HTML) 13 Page - YAGEO Corporation

Back Button AC03-8R2-5. Datasheet HTML 9Page - YAGEO Corporation AC03-8R2-5. Datasheet HTML 10Page - YAGEO Corporation AC03-8R2-5. Datasheet HTML 11Page - YAGEO Corporation AC03-8R2-5. Datasheet HTML 12Page - YAGEO Corporation AC03-8R2-5. Datasheet HTML 13Page - YAGEO Corporation AC03-8R2-5. Datasheet HTML 14Page - YAGEO Corporation AC03-8R2-5. Datasheet HTML 15Page - YAGEO Corporation AC03-8R2-5. Datasheet HTML 16Page - YAGEO Corporation AC03-8R2-5. Datasheet HTML 17Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
1998 Nov 18
14
Philips Components
Product specification
Cemented wirewound resistors
AC01/03/04/05/07/10/15/20
Fig.20 Pulse on a regular basis; maximum permissible peak pulse power
as a function of pulse duration (ti).
P
ˆ
max
()
AC15
handbook, full pagewidth
1
CCB388
10−1
10−2
10−3
10−4
1
10
102
103
105
104
ti (s)
Pmax
(W)
ˆ
tp/ti = 1000
tp/ti = 200
tp/ti = 50
tp/ti = 10
tp/ti = 2
0.33
Ω
4.3
Ω
33
Ω
330
Ω
39 k
Ω
Fig.21 Pulse capability; Watt
× seconds/ohm as a function of Rn.
AC15
handbook, full pagewidth
103
105
104
102
10
1
10−1
CCB389
103
102
10−4
10−1
10−2
10−3
10
1
Rn (Ω)
pulse
energy
(Ws/
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22