전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KRL1632E-M-R220-F-T5 데이터시트(PDF) 2 Page - Susumu Co., Ltd.

부품명 KRL1632E-M-R220-F-T5
상세설명  Metal foil low resistance chip resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUSUMU [Susumu Co., Ltd.]
홈페이지  www.susumu.co.jp
Logo SUSUMU - Susumu Co., Ltd.

KRL1632E-M-R220-F-T5 데이터시트(HTML) 2 Page - Susumu Co., Ltd.

  KRL1632E-M-R220-F-T5 Datasheet HTML 1Page - Susumu Co., Ltd. KRL1632E-M-R220-F-T5 Datasheet HTML 2Page - Susumu Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆Dimensions
(unit:mm)
L
W
a
a
L
W
t
a
a
D Type
E Type
Type
L
0402
0603
0805
1206
2010
2512
4320
Size
(inch)
1.00±0.20
1.60±0.20
2.00±0.20
3.20±0.20
5.00±0.20
6.30±0.20
11.00±0.20
0.50±0.20
0.80±0.20
1.25±0.20
1.60±0.20
2.50±0.20
3.10±0.20
5.00±0.20
0.40±0.20
0.50±0.20
0.50±0.20
0.50±0.20
0.50±0.20
0.50±0.20
0.65±0.20
W
t
a
KRL0510
KRL0816
KRL1220
KRL1632
KRL2550
KRL3264
KRL50110
0.30±0.20
0.30±0.20
0.40±0.20
0.40±0.20(9mΩ∼)/1.10±0.20(5 ∼ 8mΩ)
0.60±0.20(9mΩ∼ /1.40±0.20(5 ∼ 8mΩ)
1.00±0.20(9mΩ∼)/1.90±0.20(5 ∼ 8mΩ)
2.36±0.20(8mΩ∼)/3.60±0.20(5 ∼ 7mΩ)
54
t
◆Derating Curve
Ambient (terminal) temperature
100
50
0
-55    0    50 
100 120 155 175
C (high operating temperature)
M (low EMF)
Ambient (terminal) temperature
100
50
0
-55    0    50 70 100
150 175
KRL1632E-3A series (1W) and KRL3264E-3F series (3W) are also in our line-up.



Html Pages

1 2