| 전자부품 데이터시트 검색엔진 |
|
33982 데이터시트(PDF) 5 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
33982 데이터시트(HTML) 5 Page - Freescale Semiconductor, Inc |
|
5 / 37 page ![]() Analog Integrated Circuit Device Data Freescale Semiconductor 5 33982 PIN CONNECTIONS 13 GND Ground Ground This pin is the ground for the logic and analog circuitry of the device. 14 VPWR Input Positive Power Supply This pin connects to the positive power supply and is the source input of operational power for the device. 15, 16 HS Output High-side Output Protected high-side power output to the load. Output pins must be connected in parallel for operation. Table 2. Pin Definitions (continued) Pin Number Pin Name Pin Function Formal Name Definition |