| 전자부품 데이터시트 검색엔진 |
|
ACT88320 데이터시트(PDF) 7 Page - Qorvo, Inc |
|
|
|||||||||||||||||||||||||||||
ACT88320 데이터시트(HTML) 7 Page - Qorvo, Inc |
|
7 / 57 page ![]() Data Sheet Rev. E, November 2019 | Subject to change without notice 7 of 57 www.qorvo.com © 2020 Qorvo US, Inc. All rights reserved. ACT88320 Advanced PMU with Inrush Control and Bypass Switch ABSOLUTE MAXIMUM RATINGS PARAMETER VALUE UNIT All Pins to AGND and PGND unless stated otherwise below -0.3 to 6 V OVSNS, OVSNS_M to PGND -0.3 to 22 V OVGATE to VIN -0.3 to 13.2 V VIN to PGND -0.3 to 6 V SW_Bx to PGND -0.3 to VIN + 1 V PWREN to AGND -0.3 to AVIN + 0.3 V GPIOx to AGND -0.3 to VIO + 0.3 V FB_Bx to PGND -0.3 to VIN + 0.3 V OUTx to PGND -0.3 to VIN + 0.3 V AGND to PGND -0.3 to + 0.3 V Junction to Ambient Thermal Resistance (Note 2) 26.5 °C/W Junction to Case Thermal Resistance (Note 2) 13.1 °C/W Operating Junction Temperature -40 to 150 °C Storage Temperature -55 to 150 °C Note1: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect device reliability. Note2: Measured on Active-Semi Evaluation Kit |