| 전자부품 데이터시트 검색엔진 |
|
869 데이터시트(PDF) 22 Page - Abbatron All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
869 데이터시트(HTML) 22 Page - Abbatron All Rights Reserved |
|
22 / 60 page ![]() Standard Insulated Banana Plugs PART NO. ILLUS. TYPE HANDLE WIRING RATING 211 A 212 B 476 C Polycarbonate 204 D Side Screw 295 E 455 F Polycarbonate 15 Amps - 1KV Standard Nylon Nylon Stud or Well Solderless 20 • Banana plug bodies are nickel plated brass with beryllium copper springs. • Handles are molded plastic as indicated in table. • Available in red (-102) and black (-103) as standard colors. Other colors are available upon request. A B C HH Smith D E F |