| 전자부품 데이터시트 검색엔진 |
|
650 데이터시트(PDF) 13 Page - Abbatron All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
650 데이터시트(HTML) 13 Page - Abbatron All Rights Reserved |
|
13 / 60 page ![]() Dual Instrument Test Adapters 11 www.abbatron.com Contact our Sales Department at 1-888-847-6484 1682 • Insulated dual binding posts to standard dual banana plugs. • ABS body contains banana jack holes for side stacking. Banana plug springs are beryllium copper. • Available in black body; one red, one black binding post head. Standard 3/4" centers. 1686 • BNC coaxial jack to dual banana plugs. • ABS body contains banana jack holes for side stacking. Banana plug springs are beryllium copper. • Available in black body; one red, one black binding post head. Standard 3/4" centers. 1687 • BNC coaxial plug to standard dual banana plugs. • ABS body contains banana jack holes for side stacking. Standard 3/4" centers. 1688 • Insulated dual binding posts to male BNC coaxial connector. MIL UG-144/U style. • ABS body contains banana jack holes for side stacking. Standard 3/4" centers. 1689 • Insulated dual binding posts to BNC coaxial jack. • ABS body contains banana jack holes for side stacking. Available in black body; one red, one black binding post head. Standard 3/4" centers. 1686 1687 1682 1688 1689 Ratings: • Rated at 15 Amps AC, for 10oC temperature rise, continuous duty, except where limited by coaxial connectors. • 5KV, 60 cycle AC continuous working voltage, except where limited by coaxial connectors. • Capacitance: 1.0 pf between conductors. • Resistance: 1 Milliohm or less per conductor. |