| 전자부품 데이터시트 검색엔진 |
|
HCC4014B 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4014B 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 13 page ![]() Data Brief For further information contact your local STMicroelectronics sales office. October 2006 Rev 1 1/13 13 HCC4000B series RadHardened high voltage complementary MOS logic series Features ■ 20V max operating voltage ■ Bufferized inputs and outputs ■ Standardized symmetrical outputs characteristic ■ 50ns typical propagation delays ■ 100nA max 25°C input current ■ 20V quescient current, 100% tested ■ 5-10-15V parametric testing ■ Available in hermetic Flat packages ■ Also available in DIL and DIE form upon request ■ RadHard 100kRad TID at 11rad/sec dose rate ■ SEL-SEU immune to 72MeV/cm²/mg LET ions ■ Designed for space use: ESCC qualified ■ FM parts are delivered in accordance with ESCC detail specifications, with ESCC marking and ST + ESA logos ■ Engineering model parts meet same electrical specifications as FM parts ■ Detailed Contractual ESCC detailed specification for each Type shall be downloaded from European Space Agency web.site Description The HCC4000B series is composed of close to 80 monolithic types built with Metal Oxide Complementary technology. It provides Designers with high voltage noise tolerant complete Logic series. It radiation hardness and immunity to Heavy Ions make this series to be usable in the most difficult environmental conditions. FLAT14 FLAT16 FLAT20 DIL14 www.st.com |
유사한 부품 번호 - HCC4014B |
|
유사한 설명 - HCC4014B |