| 전자부품 데이터시트 검색엔진 |
|
HCC4017B 데이터시트(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4017B 데이터시트(HTML) 5 Page - STMicroelectronics |
|
5 / 13 page ![]() HCC4000B series Package mechanical data 5/13 3 Package mechanical data DIM. mm. inch MIN. TYP MAX. MIN. TYP. MAX. A 2.1 2.54 0.083 0.100 a1 3.00 3.70 0.118 0.146 a2 0.63 0.88 1.14 0.025 0.035 0.045 B 1.82 2.03 2.39 0.072 0.080 0.094 b 0.40 0.45 0.50 0.016 0.018 0.020 b1 0.20 0.254 0.30 0.008 0.010 0.012 D 18.79 19.00 19.20 0.740 0.748 0.756 E 7.36 7.62 7.87 0.290 0.300 0.310 e 2.54 0.100 e1 15.11 15.24 15.37 0.595 0.600 0.605 e2 7.62 7.87 8.12 0.300 0.310 0.320 F 7.11 7.75 0.280 0.305 I 3.70 0.146 K 10.90 12.1 0.429 0.476 L 1.14 1.27 1.5 0.045 0.050 0.059 DILC-14 MECHANICAL DATA 0016173H |