전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCC4029B 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 HCC4029B
상세설명  RadHardened high voltage complementary MOS logic series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4029B 데이터시트(HTML) 5 Page - STMicroelectronics

  HCC4029B Datasheet HTML 1Page - STMicroelectronics HCC4029B Datasheet HTML 2Page - STMicroelectronics HCC4029B Datasheet HTML 3Page - STMicroelectronics HCC4029B Datasheet HTML 4Page - STMicroelectronics HCC4029B Datasheet HTML 5Page - STMicroelectronics HCC4029B Datasheet HTML 6Page - STMicroelectronics HCC4029B Datasheet HTML 7Page - STMicroelectronics HCC4029B Datasheet HTML 8Page - STMicroelectronics HCC4029B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HCC4000B series
Package mechanical data
5/13
3
Package mechanical data
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.1
2.54
0.083
0.100
a1
3.00
3.70
0.118
0.146
a2
0.63
0.88
1.14
0.025
0.035
0.045
B
1.82
2.03
2.39
0.072
0.080
0.094
b
0.40
0.45
0.50
0.016
0.018
0.020
b1
0.20
0.254
0.30
0.008
0.010
0.012
D
18.79
19.00
19.20
0.740
0.748
0.756
E
7.36
7.62
7.87
0.290
0.300
0.310
e
2.54
0.100
e1
15.11
15.24
15.37
0.595
0.600
0.605
e2
7.62
7.87
8.12
0.300
0.310
0.320
F
7.11
7.75
0.280
0.305
I
3.70
0.146
K
10.90
12.1
0.429
0.476
L
1.14
1.27
1.5
0.045
0.050
0.059
DILC-14 MECHANICAL DATA
0016173H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13