| 전자부품 데이터시트 검색엔진 |
|
ACPL-K49CT 데이터시트(PDF) 2 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
ACPL-K49CT 데이터시트(HTML) 2 Page - Abracon Corporation |
|
2 / 13 page ![]() Broadcom ACPL-K49CT-DS101 2 ACPL-K49CT Data Sheet Wide Operating Temperature Automotive R2Coupler™ 20-kBd Digital Optocoupler Configurable as Low-Power, Low-Leakage Phototransistor Functional Diagram NOTE: 5-pin configuration: connect a 0.1-μF bypass capacitor between pin 5 and pin 8. 4-pin configuration: externally short pin 7 and pin 8. Truth Table Ordering Information Choose a part number from the part number column and combine it with the desired option from the option column to form an order entry. Example: Specify ACPL-K49CT-560E to order the product comprised of an SSO-8 Surface Mount package in Tape and Reel packaging with the IEC/EN 60747-5-5 safety approval and RoHS compliance. Option data sheets are available. Contact your Broadcom sales representative or authorized distributor for information. LED VO ON LOW OFF HIGH Part Number Option (RoHS Compliant) Package Surface Mount Tape and Reel UL 5000 Vrms/ 1-Minute Rating IEC/EN 60747-5-5 Quantity ACPL-K49CT -000E Stretched SO-8 X — X — 80 per tube -060E X — X X 80 per tube -500E X X X — 1000 per reel -560E X X X X 1000 per reel ANODE CATHODE NC NC VCC VO NC GND ANODE CATHODE NC NC VO NC GND |