전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STX-RLINK2 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STX-RLINK2
상세설명  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX-RLINK2 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STX-RLINK2 Datasheet HTML 4Page - STMicroelectronics STX-RLINK2 Datasheet HTML 5Page - STMicroelectronics STX-RLINK2 Datasheet HTML 6Page - STMicroelectronics STX-RLINK2 Datasheet HTML 7Page - STMicroelectronics STX-RLINK2 Datasheet HTML 8Page - STMicroelectronics STX-RLINK2 Datasheet HTML 9Page - STMicroelectronics STX-RLINK2 Datasheet HTML 10Page - STMicroelectronics STX-RLINK2 Datasheet HTML 11Page - STMicroelectronics STX-RLINK2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 124 page
background image
ST7LITE0xY0, ST7LITESxY0
8/124
Note:
In the interrupt input column, “eix” defines the associated external interrupt vector. If the weak pull-up col-
umn (wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input,
else the configuration is floating interrupt input.
15
14 PA2/ATPWM0
I/O CT HS
X
XX
X
Port A2
Auto-Reload Timer PWM0
16
15 PA1
I/O CT HS
X
XX
X
Port A1
17
16 PA0/LTIC
I/O CT HS
X
ei0
X
X
Port A0
Lite Timer Input Capture
Pin n°
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
Input
Output
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More