| 전자부품 데이터시트 검색엔진 |
|
74V2G86 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74V2G86 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() 74V2G86 2/7 INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. RECOMMENDED OPERATING CONDITIONS 1) VIN from 30% to 70% of VCC PIN No SYMBOL NAME AND FUNCTION 1, 5 1A, 2A Data Input 2, 6 1B, 2B Data Input 7, 3 1Y, 2Y Data Output 4 GND Ground (0V) 8 VCC Positive Supply Voltage AB Y LLL LH H HLH HH L Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7.0 V VI DC Input Voltage -0.5 to +7.0 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIK DC Input Diode Current -20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 260 °C Symbol Parameter Value Unit VCC Supply Voltage 2 to 5.5 V VI Input Voltage 0 to 5.5 V VO Output Voltage 0 to VCC V Top Operating Temperature -55 to 125 °C dt/dv Input Rise and Fall Time (note 1) (VCC =3.3 ± 0.3V) (VCC = 5.0 ± 0.5V) 0 to 100 0to 20 ns/V ns/V |