| 전자부품 데이터시트 검색엔진 |
|
BMP585 데이터시트(PDF) 55 Page - Bosch Sensortec GmbH |
|
|
|||||||||||||||||||||||||||||
BMP585 데이터시트(HTML) 55 Page - Bosch Sensortec GmbH |
|
55 / 71 page ![]() Bosch Sensortec | BST-BMP585-DS003-02 55 | 71 © Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution, Document number: BST-BMP585-DS003-02 as well as in the event of applications for industrial property rights 8.19 Register (0x25) Reserved Bit 7 6 5 4 3 2 1 0 Read/Write R R R R R R R R Reset Value 0 0 0 0 0 0 0 0 Content reserved_reg3 • reserved_reg3:(bit offset: 0) reserved (read returns always 0x00) 8.20 Register (0x26) Reserved Bit 7 6 5 4 3 2 1 0 Read/Write R R R R R R R R Reset Value 0 0 0 0 0 0 0 0 Content reserved_reg4 • reserved_reg4:(bit offset: 0) reserved (read returns always 0x00) 8.21 Register (0x27) Interrupt status register (clear-on-read). Bit 7 6 5 4 3 2 1 0 Read/Write R R R R R R R R Reset Value 0 0 0 0 0 0 0 0 Content reserved_7_5 por oor_p fifo_ths fifo_full drdy_da... • drdy_data_reg:(bit offset: 0) Data Ready • fifo_full:(bit offset: 1) FIFO Full • fifo_ths:(bit offset: 2) FIFO Threshold/Watermark • oor_p:(bit offset: 3) Pressure data out-of-range • por:(bit offset: 4) POR or software reset complete • reserved_7_5:(bit offset: 5) reserved 8.22 Register (0x28) Status register Bit 7 6 5 4 3 2 1 0 Read/Write R R R R R R R R Reset Value 0 0 0 0 0 0 1 0 Content reserved_7 reserved_6_5 reserved_4 status_... status_... status_... reserved_0 • reserved_0:(bit offset: 0) • status_nvm_rdy:(bit offset: 1) If asserted, device is ready for NVM operations • status_nvm_err:(bit offset: 2) If asserted, indicates an NVM error, due to at least one of the following reasons: o PMU power transition fail on NVM power request o NVM timeout errors in P/E o NVM Charge Pump voltage fail in PROGRAM/ERASE o During last boot/load command, ECC has detected 2+ errors This bit is cleared/updated upon a new NVM command, if Boot command is executed. • status_nvm_cmd_err:(bit offset: 3) TODO UPDATE ME • reserved_4:(bit offset: 4) • reserved_6_5:(bit offset: 5) reserved • reserved_7:(bit offset: 7) |