| 전자부품 데이터시트 검색엔진 |
|
74GTL1655A 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74GTL1655A 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 16 page ![]() Obsolete Product(s) - Obsolete Product(s) 74GTL1655A 2/16 controlled by output-enable (OEAB and OEBA), latch-enable (LEAB and LEBA), and clock (CLK) inputs. For A-to-B data flow, the devices operate in the transparent mode when LEAB is high. When LEAB is low, the A data is latched if CLK is held at a high or low logic level. If LEAB is low, the A data is stored in the latch/flip-flop on the low-to-high transition of CLK. When OEAB is low, the outputs are active. When OEAB is high, the outputs are in the high-impedance state. Data flow for B to A is similar to that of A to B, but uses OEBA, LEBA, and CLK. The output enable (OE) is used to disable both ports simultaneously. Active bus-hold circuitry is provided on the A port to hold unused or floating data inputs at a valid logic level. When VCC is between 0 and 1.5 V, the device is in the high-impedance state during power up or power down. However, to ensure the high-impedance state above 1.5V, OE should be tied to VCC through a pull-up resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. All input and output are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage. Figure 2: Input And Output Equivalent Circuit Table 2: Pin Description PIN N° SYMBOL NAME AND FUNCTION 1, 2 1OEAB, 1OEBA Output Enable Input 4, 6, 7, 9, 11, 13, 14, 16 1A1 to 1A8 Data Inputs/Outputs LVTTL 17, 19, 20, 22, 23, 25, 27, 29 2A1 to 2A8 Data Inputs/Outputs LVTTL 31, 32 2OEAB, 2OEBA Output Enable Input 33 OE Output Enable Input 34, 35 2LEBA, 2LEAB Latch Enable 36 BIAS VCC Pre-Charge Supply Voltage 37, 38, 40, 42, 43, 45, 46, 48 2B8 to 2B1 Data Inputs/Outputs GTL/GTL+ 41 VREF GTL Voltage Reference Input 49, 51, 52, 54, 55, 56, 58, 59 2A1 to 2A8 Data Inputs/Outputs GTL/GTL+ 61 VERC Edge Rate Control 62, 63 1LEBA, 1LEAB Latch Enable 64 CLK Clock Input (LOW to HIGH edge triggered) 5, 8, 10, 12, 18, 21, 24, 26, 30, 39, 44, 47, 53, 57, 60 GND Ground (0V) 3, 15, 28, 50 VCC Positive Supply Voltage |